Part Number Hot Search : 
00500 DCU605 DSPIC30F 3232E 5U183 R2000 24C04 1N1187R
Product Description
Full Text Search
 

To Download KV7050C-P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lv-pecl/ 3.3v/ 7.0 5.0mm rohs compliant features ? miniature ceramic package ? lv-pecl output ? high frequency to 170mhz ? highly reliable with seam welding ? low phase noise table 1 freq. tol. operating temperature range ( c) note code 10 ? 6 0 50 ? 10 to + 70 standard speci cations s 30 please contact us for available frequencies. g 50 ? 40 to + 85 how to order kv7050c 155.520 p 3 ? j 00 ? ? ???? ? ? series ? output frequency ? output type (lv-pecl) ? supply voltage (3.3v) ? frequency tolerance (see table 1) ?  symmetry/ inh function/ apr (45/ 55%, disable, apr50) ?  individual speci cation (std speci cation is 00) y packaging (tape & reel 1000 pcs./ reel)  speci cations item symbol conditions min. max. units output frequency range note1 fo 80 170 mhz frequency tolerance note2 f _tol initial tolerance, operating temperature range, rated power supply voltage change, load change, shock and vibration op. temp.: ? 10 to + 70 c/ ? 40 to + 85 c ? 50 + 50 10 ? 6 op. temp.: ? 10 to + 70 c ? 30 + 30 absolute pull range apr standard speci cations 50 10 ? 6 extend (option) 100 frequency aging f _age per 20years @25 c ? 15 + 15 10 ? 6 control voltage v c 0 + 3.3 v storage temperature range t _stg ? 55 + 125 c operating temperature range t _use standard speci cations 0 + 70 c extend (option) ? 40 + 85 max. supply voltage ? 0.3 + 5.0 v supply voltage v cc + 2.97 + 3.63 v current consumption i cc 8 5m a disable current i _ dis 5m a symmetry sym 50ohm@crossing point 45 55 % rise/ fall time(20% to 80% output level) tr/ tf 50ohm 0.7 ns low level output voltage note3 v ol v cc ? 1.620 v high level output voltage note3 v oh v cc ? 1.025 v output load lv-pecl output 50 ohm input voltage range v in 0 + 3.3 v low level input voltage note3 v il 30% v cc v high level input voltage note3 v ih 70% v cc v input resistance 10 mohm disable time t _dis 200 ns enable time t _ena 2m s start-up time t _str @minimum operating voltage to be 0 sec. 10 ms phase jitter j phase @122.88mhz bw : 12khz to 20mhz 0.3 ps phase noise @122.88mhz @10hz offset typ. ? 71 dbc/ hz @100hz offset typ. ? 102 @1khz offset typ. ? 128 @10khz offset typ. ? 146 @100khz offset typ. ? 152 @1mhz offset typ. ? 156 @10mhz offset typ. ? 157 note : all electrical characteristics are defined at the maximum load and operating temperature range. note1: please contact us for inquiry about operating temperature range, available frequencies and other conditions. note2: please contact us for the frequency tolerance of ? 40 to + 85 c. note3: dc characteristic dimensions (unit: mm) recommended land pattern (unit: mm) plating: ni  au tolerance: r 0.2 inh function pad2 pad4 (output) open active "h" level active "l" level high z pad connections #1  v c  #2  inh  #3  case gnd  #4  output  #5  complementary output  #6  v cc 7.0 5.0 1.6 0.85 2.46 1.4 0.6 1.17 2.54 2.54 #3 #1 #6 #4 #2 #5 5.08 1.6 3.6 1.6 2.54 note: a capacitor of value 0.01 p f between v cc and gnd is recommended. voltage controlled crystal oscillators (vcxo) surface mount type KV7050C-P3 series as of march 2018


▲Up To Search▲   

 
Price & Availability of KV7050C-P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X